Part Number Hot Search : 
110UH IRFR9310 800000 24N03 TC356 00006 24026 060N03
Product Description
Full Text Search
 

To Download SC4004C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SC4004C ( 40 characters x 4 lines ) features electrical characteristics 5 x 7 dots with cursor item symbol condition min. typ. max. unit built-in controller (ks0066 or equivalent) lcd operating t=0 - 4.8 - v 5 v power supply voltage v dd -v o t=25 - 4.5 - v 1/16 duty cycle t=50 - 4.2 - v 4.2 v led forward voltage supply voltage v dd -v ss - 4.7 5 5.3 v supply current i dd - - 5.2 10.8 ma input "high" level v ih - 2.2 - v dd v voltage "low" level v il - 0 - 0.6 v mechanical data output "high" level v oh - 2.4 - - v item dimensions unit voltage "low" level v ol - - - 0.4 v module size (w x h x t) 160.0 x 47.0 x 9.5(12.7) mm viewing area ( w x h ) 140.0 x 29.0 mm block diagram character size ( w x h ) 2.70 x 4.35 mm character pitch (w x h) 3.30 x 5.35 mm dot size ( w x h ) 0.50 x 0.50 mm dot pitch ( w x h ) 0.55 x 0.55 mm interface pin connections no. symbol no. symbol function 1v ss supply ground 10 db2 data bit 2 2v dd supply voltage 11 db3 data bit 3 3v o contrast adj. 12 db4 data bit 4 4 rs register select 13 db5 data bit 5 5 r/w read/write 14 db6 data bit 6 6 e1 enable ic1 15 db7 data bit 7 7 e2 enable ic2 16 a led power 8 db0 data bit 0 17 k led power 9 db1 data bit 1 18 nc no control external dimensions function lcd controller lcd panel lcd segment driver led backlight db0 db7 rs r/w vo vdd vss a k lsi*2 e1 e2 com32 seg80 seg320 *4 8


▲Up To Search▲   

 
Price & Availability of SC4004C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X